Part Number Hot Search : 
EMK12 SM4T7V5 04431 PD070 ZTX651 NTE56006 1606B EL5164IS
Product Description
Full Text Search
 

To Download VCA3-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCA3-203, 205 14 Pin Dip Crystal Oscillators
Featuring: 20 ppm stability including aging -40 to 85C operating temperature 3.3 or 5.0 VDC Enable/disable option
Frequency Range Package Voltage Options/ Load Drives Electrical Enable/Disable Stability Start-Up Load Current Standard Packaging
1.544 MHz to 60 MHz 0.8" x 0.5" x 0.4" max 4 pin thru-hole 203 = +3.3 Vdc 10% 15 pF 205 = +5.0 Vdc 10% 15 pF Tristate 55/45 Symmetry Logic 1 or NC = Enable (Oscillation) Logic 0 or GND = Disable (High Impedance) 20 PPM -40 to 85C, for 10 years all parameters* 10 ms Maximum HCMOS/TTL 50 mA Maximum Anti Static Tubes
Standard Frequencies 19.44 MHz, 24.704 MHz, 32 MHz, 32.768 MHz, 34.368 MHz, 44.736 MHz Typical P/N VCA3-203-19M44 VCA3 = 0.8" x 0.5" x 0.4" max 4 pin thru-hole 203 = +3.3 Vdc +/-10%,20 PPM -40C to +85C for 10 years, all parameters
* NOTE: All parameters include aging, initial accuracy, thermal stability, load, solder reflow, vibration
mm in


▲Up To Search▲   

 
Price & Availability of VCA3-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X